|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DISCRETE SEMICONDUCTORS DATA SHEET alfpage M3D088 BBY42 VHF variable capacitance diode Product specification Supersedes data of November 1993 1996 May 03 Philips Semiconductors Product specification VHF variable capacitance diode FEATURES * Excellent linearity * Small plastic SMD package * C28: 2.7 pF; ratio: 14. APPLICATIONS * Electronic tuning in VHF television tuners, band B up to 460 MHz * VCO. DESCRIPTION The BBY42 is a variable capacitance diode, fabricated in planar technology, and encapsulated in the SOT23 small plastic SMD package. Marking code: S13. handbook, halfpage 2 BBY42 1 2 n.c. 3 3 MAM170 1 Fig.1 Simplified outline (SOT23), pin configuration and symbol. LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VR IF Tstg Tj continuous reverse voltage continuous forward current storage temperature operating junction temperature PARAMETER - - -55 -55 MIN. MAX. 30 20 +150 +125 V mA C C UNIT ELECTRICAL CHARACTERISTICS Tj = 25 C; unless otherwise specified. SYMBOL IR rs Cd PARAMETER reverse current diode series resistance diode capacitance CONDITIONS VR = 28 V; see Fig.3 VR = 28 V; Tj = 85 C; see Fig.3 f =100 MHz; note 1 VR = 1 V; f = 1 MHz; see Figs 2 and 4 VR = 3 V; f = 1 MHz; see Figs 2 and 4 capacitance ratio f = 1 MHz MIN. - - - 31 - 12 TYP. - - - - 24 - - MAX. 10 200 1 - - 3 16 UNIT nA nA pF pF pF VR = 28 V; f = 1 MHz; see Figs 2 and 4 2.4 C d ( 1V ) -------------------C d ( 28V ) Note 1. VR is the value at which Cd = 30 pF. 1996 May 03 2 Philips Semiconductors Product specification VHF variable capacitance diode GRAPHICAL DATA BBY42 MBE619 handbook, full pagewidth 60 Cd (pF) 50 40 30 20 10 0 10 1 f = 1 MHz; Tj = 25 C. 1 10 VR (V) 10 2 Fig.2 Diode capacitance as a function of reverse voltage; typical values. 10 3 handbook, halfpage MLC816 10 3 handbook, halfpage MLC815 IR (nA) TC d (K-1) 102 10 4 10 0 50 T j ( C) o 100 10 5 10 1 1 10 VR (V) 102 Fig.4 Fig.3 Reverse current as a function of junction temperature; maximum values. Temperature coefficient of diode capacitance as a function of reverse voltage; typical values. 1996 May 03 3 Philips Semiconductors Product specification VHF variable capacitance diode PACKAGE OUTLINE BBY42 handbook, full pagewidth 3.0 2.8 0.150 0.090 1.9 0.95 2 0.1 max 10 o max 3 1.1 max 30 o max 0.48 0.38 TOP VIEW 0.1 M A B 1 B A 0.2 M A 0.55 0.45 10 o max 1.4 1.2 2.5 max MBC846 Dimensions in mm. Fig.5 SOT23. DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications. 1996 May 03 4 |
Price & Availability of BBY42 |